Part Number Hot Search : 
CO55C DF10S Q7015R9 30150 MB90F347 CXK5416P SFH495P LP295
Product Description
Full Text Search
 

To Download LTC4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
n n n n n n n n n n n n n
LTC4012-3 High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control DESCRIPTION
The LTC4012-3 is a constant-current/constant-voltage battery charger controller. It uses a synchronous quasiconstant frequency PWM control architecture that will not generate audible noise with ceramic bulk capacitors. Charge current is set by external resistors and can be monitored as an output voltage across the programming resistor. With no built-in termination, the LTC4012-3 charges a wide range of batteries under external control. The LTC4012-3 features fully adjustable output voltage. For charge management and safety, the IC includes an input P-channel MOSFET ideal diode controller, battery (output) overvoltage protection, reverse charge current protection, PWM soft-start and robust non-overlap control for an all N-channel MOSFET PWM power stage. The device includes AC adapter input current limiting, which maximizes the charge rate for a fixed input power level. An external sense resistor programs the input current limit, and the ICL status pin indicates reduced charge current as a result of AC adapter current limiting. Ideal diode control at the adaptor input improves charger efficiency. The CHRG status pin is active during all charging modes, including special indication for low charge current.
General Purpose Battery Charger Controller Efficient 550kHz Synchronous Buck PWM Topology 0.5% Output Float Voltage Accuracy Programmable Charge Current: 4% Accuracy Programmable AC Adapter Current Limit: 3% Accuracy No Audible Noise with Ceramic Capacitors INFET Low Loss Ideal Diode PowerPathTM Control Wide Input Voltage Range: 6V to 28V Wide Output Voltage Range: 2V to 28V Indicator Outputs for Charging, C/10 Current Detection and Input Current Limiting Analog Charge Current Monitor Micropower Shutdown 20-Pin 4mm x 4mm x 0.75mm QFN Package
APPLICATIONS
n n n
Notebook Computers Portable Instruments Battery Backup Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. PowerPath is a trademark of Linear Technology Corporation. All other trademarks are the property of their respective owners. Protected by U.S. Patents including 5723970.
TYPICAL APPLICATION
FROM ADAPTER 13V TO 20V INFET DCIN 0.1F CLP CLN BOOST TGATE SW INTVDD BGATE GND 3.01k ITH 6.04k 0.1F CSP 25m 0.1F 5.1k 20F POWER TO SYSTEM
Efficiency at DCIN = 20V
100 95 EFFICIENCY (%) EFFICIENCY POWER LOSS (mW) 10000
0.1F
90 85 80 75 70 VOUT = 12.3V RSENSE = 33m RIN = 3.01k RPROG = 26.7k 0 0.5 1 1.5 2 CHARGE CURRENT (A) PIN J NAME ACP X
4012-3 TA02
POWER LOSS
1000
CHRG TO/FROM MCU ICL SHDN
2F
6.8H
LTC4012-3 CSN PROG BAT FBDIV
33m 3.01k
2.5
3
100
20F 301k
26.7k
4.7nF
+
VFB 32.8k
12.3V Li-Ion BATTERY
4012-3 TA01
PART GND LTC4012 LTC4012-3 X
40123f
1
LTC4012-3 ABSOLUTE MAXIMUM RATINGS
(Note 1)
PIN CONFIGURATION
TOP VIEW INTVDD BOOST BGATE 15 CSP 14 CSN 21 13 PROG 12 ITH 11 BAT 6 SHDN 7 CHRG 8 ICL 9 10 FBDIV VFB TGATE SW
DCIN ........................................................... -14V to 30V DCIN to CLP ................................................ -32V to 20V CLP CLN or SW to GND ............................. -0.3V to 30V , CLP to CLN ............................................................0.3V CSP CSN or BAT to GND ............................ -0.3V to 28V , CSP to CSN ............................................................0.3V BOOST to GND ........................................... -0.3V to 36V BOOST to SW............................................... -0.3V to 7V SHDN or VFB to GND .................................... -0.3V to 7V CHRG or ICL to GND .................................. -0.3V to 30V Operating Temperature Range (Note 2)........................................................ 0C to 85C Junction Temperature (Note 3) ............................. 125C Storage Temperature Range...................-65C to 150C
20 19 18 17 16 CLN 1 CLP 2 INFET 3 DCIN 4 GND 5
UF PACKAGE 20-LEAD (4mm 4mm) PLASTIC QFN TJMAX = 125C, JA = 37C/W EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH LTC4012CUF-3#PBF TAPE AND REEL LTC4012CUF-3#TRPBF PART MARKING 40123 PACKAGE DESCRIPTION 20-Lead (4mm x 4mm) Plastic QFN TEMPERATURE RANGE 0C to 85C Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
40123f
2
LTC4012-3 ELECTRICAL CHARACTERISTICS
SYMBOL VTOL IVFB RON ILEAK-FBDIV VBOV ITOL PARAMETER VBAT Accuracy (See Test Circuits) VFB Input Bias Current FBDIV On Resistance FBDIV Output Leakage Current VFB Overvoltage Threshold Charge Current Accuracy with RIN = 3.01k, 5V < BAT < 18V Current Sense Amplifier Gain (PROG I) with RIN = 3.01k, 5V < BAT < 18V Maximum Peak Current Sense Threshold Voltage per Cycle (RIN = 3.01k) C/10 Indicator Threshold Voltage Reverse Current Threshold Voltage Current Limit Threshold CLN Input Bias Current ICL Indicator Threshold Operating Voltage Range CLP Undervoltage Lockout Threshold UVLO Threshold Hysteresis CLP Operating Current SHDN Input Voltage Low SHDN Input Voltage High SHDN Pull-Down Resistance CLP Shutdown Current BAT Leakage Current CSN Leakage Current CSP Leakage Current SW Leakage Current CLP = 12V, DCIN = 0V SHDN = 0V SHDN = 0V or DCIN = 0V, 0V CSP = CSN = BAT 18V SHDN = 0V or DCIN = 0V, 0V CSP = CSN = BAT 20V SHDN = 0V or DCIN = 0V, 0V CSP = CSN = BAT 20V SHDN = 0V or DCIN = 0V, 0V SW 20V No Load IDD = 20mA
l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted.
CONDITIONS MIN -0.5 -0.8 20
l l l
TYP
MAX 0.5 0.8
UNITS % % nA A V % % A A mV mV mV mV mV mV nA mV V V mV mA mV V k
Charge Voltage Regulation
l
VFB = 1.2V ILOAD = 100A SHDN = 0V, FBDIV = 0V -1 1.235 -4 -5 -12.75 -1.78
l l
85 0 1.281
190 1 1.32 4 5
Charge Current Regulation RPROG = 26.7k VSENSE = 0mV, PROG = 1.2V AI VCS-MAX VC10 VREV VCL ICLN VICL CLP Supply OVR VUVLO VUV(HYST) ICLPO Shutdown VIL VIH RIN ICLPS ILEAK-BAT ILEAK-CSN ILEAK-CSP ILEAK-SW
l l l
-11.67 -1.66 185 325 400 253 100 100 100 -5
-10.95 -1.54 235 430 460 295 103 104 -2 28
VSENSE Step from 0mV to 5mV, PROG = 1.2V ITH = 2V ITH = 5V PROG Falling PROG Falling CLP - CLN CLN = CLP (CLP - CLN) - VCL
140 340 180 97 96 -8 6
Input Current Regulation
l
CLP Increasing CLP = 20V, No Gate Loads
l
4.65
4.835 200 2
5.15 3 300
1.4 40 15 350 -1 -1 -1 -1 0 0 0 0 25 500 1 1 1 2
A A A A A A
INTVDD Regulator INTVDD VDD Output Voltage Load Regulation
l
4.85
5 -0.4
5.15 -1
V %
40123f
3
LTC4012-3 ELECTRICAL CHARACTERISTICS
SYMBOL IDD VACP IITH fTYP fMIN DCMAX tR-TG tF-TG tR-BG tF-BG tNO IDCIN VFTO VFR VRTO VOL(INFET) VOH(INFET) tIF(ON) tIF(OFF) VOL ILEAK IC10 PARAMETER Short-Circuit Current (Note 5) AC Present Charge Enable Threshold Voltage ITH Current Typical Switching Frequency Minimum Switching Frequency Maximum Duty Cycle TGATE Rise Time TGATE Fall Time BGATE Rise Time BGATE Fall Time TGATE, BGATE Non-Overlap Time DCIN Input Current Forward Turn-on Voltage (DCIN Detection Threshold) Forward Regulation Voltage Reverse Turn-Off Voltage INFET Output Low Voltage, Relative to CLP INFET Output High Voltage, Relative to CLP INFET Turn-On Time INFET Turn-Off Time Output Voltage Low Output Leakage CHRG C/10 Current Sink CLOAD = 3.3nF CLOAD = 3.3nF CLOAD = 3.3nF, 10% - 90% CLOAD = 3.3nF, 90% - 10% CLOAD = 3.3nF, 10% - 90% CLOAD = 3.3nF, 90% - 10% CLOAD = 3.3nF, 10% - 10% 0V DCIN CLP DCIN-CLP, DCIN rising DCIN-CLP DCIN-CLP DCIN falling , DCIN-CLP = 0.1V, IINFET =1A DCIN-CLP = -0.1V, IINFET =-5A To CLP-INFET > 3V, CINFET = 1nF To CLP-INFET < 1.5V, CINFET = 1nF ILOAD = 100A, PROG = 1.2V SHDN = 0V, DCIN = 0V, VOUT = 20V CHRG = 2.5V
l l l l l l
The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted.
CONDITIONS INTVDD = 0V DCIN - BAT, DCIN Rising ITH = 1.4V 467 20 98
l
MIN 50 350
TYP 85 500 -40/+90 550 25 99 60 50 60 60 110
MAX 120 600 633
UNITS mA mV A kHz kHz %
Switching Regulator
110 110 110 110
ns ns ns ns ns
PowerPath Control -10 15 15 -45 -6.5 -250 85 2.5 25 -25 60 60 35 -15 -5 250 180 6 500 -10 15 25 10 38 A mV mV mV V mV s s mV A A
Indicator Outputs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LTC4012-3 is guaranteed to meet performance specifications over the 0C to 85C operating temperature range. Note 3: Operating junction temperature TJ (in C) is calculated from the ambient temperature TA and the total continuous package power dissipation PD (in watts) by the formula TJ = TA + (JA * PD). Refer to the Applications Information section for details.
Note 4: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to GND, unless otherwise specified. Note 5: Output current may be limited by internal power dissipation. Refer to the Applications Information section for details.
40123f
4
LTC4012-3 TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25C unless otherwise noted. L = IHLP-2525 6.8H) Efficiency at DCIN = 20V, BAT = 8V
100 RSENSE = 33m RIN = 3.01k 95 POWER LOSS(mW) EFFICIENCY (%) EFFICIENCY 90 POWER LOSS 1000 EFFICIENCY (%) 95 10000 100 RSENSE = 33m RIN = 3.01k EFFICIENCY POWER LOSS(mW)
Efficiency at DCIN = 20V, BAT = 12V
10000
90
POWER LOSS
1000
85
85
80
0
0.5
1 1.5 2 CHARGE CURRENT (A)
2.5
3
100
80
0
0.5
1 1.5 2 CHARGE CURRENT (A)
2.5
3
100
4012-3 G01
4012-3 G02
Efficiency at DCIN = 20V, BAT = 16V
100 EFFICIENCY 95 POWER LOSS(mW) EFFICIENCY (%) VFB ERROR (%) 10000 0.10 0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 -0.08 3 100 -0.10
VFB Line Regulation
LTC4012-3 TEST CIRCUIT
90 POWER LOSS
1000
85 RSENSE = 33m RIN = 3.01k 80 0 0.5 1 1.5 2 CHARGE CURRENT (A) 2.5
5
10
20 15 CLP (V)
25
30
4012-3 G04
4012-3 G03
FBDIV Pin RON vs Battery Voltage
300 275 250 225 RON () 200 175 150 125 100 75 0 5 15 10 BAT (V) 20 25
4012-3 G05
Battery Load Dump
BATTERY VOLTAGE (500mV/DIV) 2A 12.1V 1A 3A RECONNECT DISCONNECT TIME (1ms/DIV) CLP = 20V VFLOAT = 12.3V
4012-3 G06
CLP = BAT + 3V (CLP 6V)
1A
LOAD STATE
40123f
5
LTC4012-3 TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25C unless otherwise noted. L = IHLP-2525 6.8H) Charge Current Accuracy
2 1 CHARGE CURRENT ERROR (%) CHARGE CURRENT ERROR (%) 0 -1 -2 -3 -4 -5 -6 0 2 4 6 8 10 12 14 16 18 20 22 24 BAT (V)
4012-3 G07
Charge Current Line Regulation
0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 5 10 15 DCIN (V) 20 25
4012-3 G08
BAT = 6V RSENSE = 33m RIN = 3.01k ICHG = 1A
DCIN = 24V RPROG = 35.7k DCIN = 12V RPROG = 26.7k
ICHG = 2A ICHG = 3A
RSENSE = 33m RIN = 3.01k
Charge Current Load Regulation
3.5 3.0 CHARGE CURRENT (A) 2.5 CURRENT (A) 2.0 1.5 1.0 0.5 0 DCIN = 20V RSENSE = 33m RIN = 3.01k 11.4 11.8 12.2 BAT (V) 12.6 13.0
4012-3 G09
Input Current Limit
3.0 2.5 2.0
ICHG = 3A IIN ICHG
ICHG = 2A
1.5 1.0 0.5 0 -0.5 -1.0 0 0.5
ICHG = 1A
2.5A BULK CHARGE 2.1A INPUT CURRENT LIMIT ICL STATE 1.0 1.5 SYSTEM LOAD (A) 2.0 2.5
4012-3 G10
-0.5 11.0
PWM Soft-Start
ICHG 2A/DIV ITH 1V/DIV PROG 1V/DIV SHDN 5V/DIV TIME (500s/DIV)
4012-3 G11
Gate Drive Non-Overlap
EXTERNAL FET DRIVE (1V/DIV)
BGATE
TGATE
TIME (80ns/DIV)
4012-3 G12
40123f
6
LTC4012-3 TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25C unless otherwise noted. L = IHLP-2525 6.8H) PWM Frequency vs Duty Cycle
600 500 PWM FREQUENCY (kHz) PWM FREQUENCY (kHz) 400 300 200 100 0 0 20 CLP = 6V CLP = 12V CLP = 20V CLP = 25V 40 60 DUTY CYCLE (%) 80 100
4012-3 G13
PWM Frequency vs Charge Current
600 500 400 300 200 100 0 BAT = 14.5V CLP = 15V RSENSE = 33m RIN = 3.01k BAT = 5V BAT = 12V
ICHG = 750mA
0
0.5
1.0 1.5 2.0 CHARGE CURRENT (A)
2.5
3.0
4012-3 G14
Battery Shutdown Current
25 VGS = 0V BATTERY CURRENT (A) 20 DC1256-CLASS APPLICATION DCIN = 0V LTC4012-3, ALL PINS DCIN = 0V
INFET Response Time to DCIN Short to Ground
PFET VGS (1V/DIV)
15 0A
IDCIN, REVERSE (5A/DIV)
10
TIME (1s/DIV) 5 LTC4012-3, BAT PINS DCIN = 20V 0 5 10 15 20 BATTERY VOLTAGE (V) 25
4012-3 G15
4012-3 G16
0
DCIN = 15V INFET = Si7423DN IOUT = <50mA VOUT = 12.3V COUT = 0.27F
40123f
7
LTC4012-3 PIN FUNCTIONS
CLN (Pin 1): Adapter Input Current Limit Negative Input. The LTC4012-3 senses voltage on this pin to determine if less charge current should be sourced to limit total input current. The threshold is set 100mV below the CLP pin. An external filter should be used to remove switching noise. This input should be tied to CLP if not used. Operating voltage range is (CLP - 110mV) to CLP. CLP (Pin 2): Adapter Input Current Limit Positive Input. The LTC4012-3 also draws power from this pin, including a small amount for some shutdown functions. Operating voltage range is GND to 28V. INFET (Pin 3): PowerPath Control Output. This output drives the gate of a PMOS pass transistor connected between the DC input (DCIN) and the raw system supply rail (CLP) to maintain a forward voltage of 25mV when a DC input source is present. INFET is internally clamped about 6V below CLP. Maximum operating voltage is CLP, which is used to turn off the input PMOS transistor when the DC input is removed. DCIN (Pin 4): DC Sense Input. One of two voltage sense inputs to the internal PowerPath controller (the other input to the controller is CLP). This input is usually supplied from an input DC power source. Operating voltage ranges from GND to 28.2V. GND (Pin 5): Ground. Internally connected to the Exposed Pad (package paddle). SHDN (Pin 6): Active-low Shutdown Input. Driving SHDN below 300mV unconditionally forces the LTC4012-3 into the shutdown state. This input has a 40k internal pulldown to GND. Operating voltage range is GND to INTVDD. CHRG (Pin 7): Active-Low Charge Indicator Output. This open-drain output provides three levels of information about charge status using a strong pull-down, 25A weak pull-down or high impedance. Refer to the Operation and Applications Information sections for further details. This output should be left floating if not used. ICL (Pin 8): Active-Low Input Current Limit Indicator Output. This open-drain output pulls to GND when the charge current is reduced because of AC adapter input current limiting. This output should be left floating if not used. VFB (Pin 9): Battery Voltage Feedback Input. An external resistor divider between FBDIV and GND with the center tap connected to VFB programs the charger output voltage. In constant voltage mode, this pin is nominally at 1.2085V. Refer to the Applications Information section for complete details on programming battery voltage. Operating voltage range is GND to 1.25V. FBDIV (Pin 10): Battery Voltage Feedback Resistor Divider Source. The LTC4012-3 connects this pin to BAT when charging is in progress. FBDIV is an open-drain PFET output to BAT with an operating voltage range of GND to BAT. BAT (Pin 11): Battery Pack Connection. The LTC4012-3 uses the voltage on this pin to control PWM operation when charging. Operating voltage range is GND to CLN. ITH (Pin 12): PWM Control Voltage and Compensation Node. The LTC4012-3 develops a voltage on this pin to control cycle-by-cycle peak inductor current. An external R-C network connected to ITH provides PWM loop compensation. Refer to the Applications Information section for further details on establishing loop stability. Operating voltage range is GND to INTVDD. PROG (Pin 13): Charge Current Programming and Monitoring Pin. An external resistance connected between PROG and GND, along with the current sense and PWM input resistors, programs the maximum charge current. The voltage on this pin can also provide a linearized indicator of charge current. Refer to the Applications Information section for complete details on current programming and monitoring. Operating voltage range is GND to INTVDD. CSN (Pin 14): Charge Current Sense Negative Input. Place an external input resistor (R IN , Figure 1) between this pin and the negative side of the charge current sense resistor. Operating voltage ranges from (BAT - 50mV) to (BAT + 200mV). CSP (Pin 15): Charge Current Sense Positive Input. Place an external input resistor (R IN , Figure 1) between this pin and the positive side of the charge current sense resistor. Operating voltage ranges from (BAT - 50mV) to (BAT + 200mV).
40123f
8
LTC4012-3 PIN FUNCTIONS
BGATE (Pin 16): External Synchronous NFET Gate Control Output. This output provides gate drive to an external NMOS power transistor switch used for synchronous rectification to increase efficiency in the step-down DC/DC converter. Operating voltage is GND to INTVDD. BGATE should be left floating if not used. INTVDD (Pin 17): Internal 5V Regulator Output. This pin provides a means of bypassing the internal 5V regulator used to power the LTC4012-3 PWM FET drivers. This supply shuts down when the LTC4012-3 shuts down. Refer to the Application Information section for details if additional power is drawn from this pin by the application circuit. SW (Pin 18): PWM Switch Node. The LTC4012-3 uses the voltage on this pin as the source reference for its topside NFET (PWM switch) driver. Refer to the Applications Information section for additional PCB layout suggestions related to this critical circuit node. Operating voltage range is GND to CLN. TGATE (Pin 19): External NFET Switch Gate Control Output. This output provides gate drive to an external NMOS power transistor switch used in the DC/DC converter. Operating voltage range is GND to (CLN + 5V). BOOST (Pin 20): TGATE Driver Supply Input. A bootstrap capacitor is returned to this pin from a charge network connected to SW and INTVDD. Refer to the Applications Information section for complete details on circuit topology and component values. Operating voltage ranges from (INTVDD - 1V) to (CLN + 5V). Exposed Pad (Pin 21): Ground. The package paddle provides a single-point ground for the internal voltage reference and other critical LTC4012-3 circuits. It should be soldered to a suitable PCB copper ground pad for proper electrical operation and to obtain the specified package thermal resistance.
40123f
9
LTC4012-3 BLOCK DIAGRAM
4 DCIN
-
3 INFET IF
+
2 1 CLP CLN ICL CHRG 7 9 VFB INPUT CURRENT LIMIT
FAULT DETECTION
8
C/10 DETECTION
+
CA
CSP
15
+
CC 6 SHDN SHUTDOWN CONTROL SHUTDOWN TO INTERNAL CIRCUITS R1
-
EA
CSN
14
-
5
GND
TO INTERNAL CIRCUITS 11 BAT OSCILLATOR
ACP
CHARGE FBDIV 10 PWM LOGIC TO INTERNAL CIRCIUTS 5V REGULATOR INTVDD SW
10
+ - - -
1.2085V REFERENCE
PROG
13
ITH
12
BOOST TGATE
20 19
18
17 BGATE 16
GND (PADDLE)
21
4012-3 BD01
40123f
LTC4012-3 TEST CIRCUITS
LTC4012-3 FROM ICL (CLP = CLN)
1.2085V
- - - +
EA
PROG 13 9
VFB
ITH 12
1.2085V TARGET
+
LTC1055
-
0.6V
4012-3 TC01
40123f
11
LTC4012-3 OPERATION
Overview The LTC4012-3 is a synchronous step-down (buck) current mode PWM battery charger controller. The maximum charge current is programmed by the combination of a charge current sense resistor (RSENSE), matched input resistors (RIN , Figure 1), and a programming resistor (RPROG) between the PROG and GND pins. Battery voltage is programmed with an external resistor divider between FBDIV and GND. In addition, the PROG pin provides a linearized voltage output of the actual charge current. The LTC4012-3 does not have built-in charge termination and is flexible enough for charging any type of battery chemistry. It is a building block IC intended for use with an external circuit, such as a microcontroller, capable of managing the entire algorithm required for the specific battery being charged. The LTC4012-3 features a shutdown input and various state indicator outputs, allowing easy and direct management by a wide range of external (digital) charge controllers. Shutdown The LTC4012-3 remains in shutdown until DCIN is greater than 5.1V and exceeds CLP by 60mV and SHDN is driven above 1.4V. In shutdown, current drain from the battery is reduced to the lowest possible level, thereby increasing standby time. When in shutdown, the ITH pin is pulled to GND and CHRG, ICL, FET gate drivers and INTVDD are all disabled. Charging can be stopped at any time by forcing SHDN below 300mV. AC Present Detection AC present is detected as soon as DCIN exceeds BAT by at least 500mV. Charging is not enabled until this condition is first met. After this event, charging is no longer gated by AC present detection. If battery voltage rises due to ESR, or DCIN droops due to current load, the PWM will remain enabled, even with very low input overhead, unless DCIN falls below the supply voltage on CLP. Input PowerPath Control The input PFET controller performs many important functions. First, it monitors DCIN and enables the charger when this input voltage is higher than the raw CLP system supply. Next, it controls the gate of an external input power PFET to maintain a low forward voltage drop when charging, creating improved efficiency. It also prevents reverse current flow through this same PFET, providing a suitable input blocking function. Finally, it helps avoid synchronous boost operation during invalid operating conditions by detecting elevated CLP voltage and forcing the charger off. If DCIN voltage is less than CLP, then DCIN must rise 60mV higher than CLP to enable the charger and activate the ideal diode control. The gate of the input PFET is driven to a voltage sufficient to regulate a forward drop between DCIN and CLP of about 25mV. If the input voltage differential drops below this point, the FET is turned off slowly. If the voltage between DCIN and CLP drops to less than -25mV, the input FET is turned off in less than 6s to prevent significant reverse current from flowing back through the PFET, and the charger is disabled. Soft-Start Exiting the shutdown state enables the charger and releases the ITH pin. When enabled, switching will not begin until DCIN exceeds BAT by 500mV and ITH exceeds a threshold that assures initial current will be positive (about 5% to 25% of the maximum programmed current). To limit inrush current, soft-start delay is created with the compensation values used on the ITH pin. Longer soft-start times can be realized by increasing the filter capacitor on ITH, if reduced loop bandwidth is acceptable. The actual charge current at the end of soft-start will depend on which loop (current, voltage or adapter limit) is in control of the PWM. If this current is below that required by the ITH start-up threshold, the resulting charge current transient duration depends on loop compensation but is typically less than 100s.
40123f
12
LTC4012-3 OPERATION
LTC4012-3 WATCHDOG TIMER SYSTEM POWER 2 11 CLP BAT OSCILLATOR CLOCK S RD Q PWM LOGIC TGATE 19 L1 BGATE 16 RIN 15 RIN 14 13 RPROG CPROG RSENSE VSENSE
+ +
CC R1 CA
CSP
+
-
CSN PROG
-
-
ICHRG
EA
Figure 1. PWM Circuit Diagram
Bulk Charge When soft-start is complete, the LTC4012-3 begins sourcing the current programmed by the external components connected to CSP CSN and PROG. Some batteries may , require a small conditioning trickle current if they are heavily discharged. As shown in the Applications Information section, the LT4012-3 can address this need through a variety of low current circuit techniques on the PROG pin. Once a suitable cell voltage has been reached, charge current can be switched to a higher, bulk charge value. End of Charge and CHRG Output As the battery approaches the programmed output voltage, charge current will begin to decrease. The open-drain CHRG output can indicate when the current drops to 10% of its programmed full-scale value by turning off the strong pull-down (open-drain FET) and turning on a weak 25A pull-down current. This weak pull-down state is latched until the part enters shutdown or the sensed
+ - - -
FROM ICL AMP 1.2085V
VFB
+
9
ITH
12
LOOP COMPENSATION
4012-3 F01
current rises to roughly C/6. C/10 indication will not be set if charge current has been reduced due to adapter input current limiting. As the charge current approaches 0A, the PWM continues to operate in full continuous mode. This avoids generation of audible noise, allowing bulk ceramic capacitors to be used in the application. Charge Current Monitoring When the LTC4012-3 is charging, the voltage on the PROG pin varies in direct proportion to the charge current. Referring to Figure 1, the nominal PROG voltage is given by: VPROG = ICHRG * RSENSE * RPROG + 11.67A * RPROG RIN
Voltage tolerance on PROG is limited by the charge current accuracy specified in the Electrical Characteristics table. Refer to the Applications Information section on programming charge current for additional details.
40123f
13
LTC4012-3 OPERATION
Adapter Input Current Limit The LTC4012-3 can monitor and limit current from the input DC supply, which is normally an AC adapter. When the programmed adapter input current is reached, charge current is reduced to maintain the desired maximum input current. The ITH and PROG pins will reflect the reduced charge current. This limit function avoids overloading the DC input source, allowing the product to operate at the same time the battery is charging without complex load management algorithms. The battery will automatically be charged at the maximum possible rate that the adapter will support, given the application's operating condition. The LTC4012-3 can only limit input current by reducing charge current, and in this case the charger uses nonsynchronous PWM operation to prevent boosting if the average charge current falls below about 25% of the maximum programmed current. Note that the ICL indicator output becomes active (low) at an adapter input current level just slightly less than that required for the internal amplifier to begin to assert control over the PWM loop. Charger Status Indicator Outputs The LTC4012-3 open-drain indicator outputs provide valuable information about the IC's operating state and can be used for a variety of purposes in applications. Table 1 summarizes the state of the indicator outputs as a function of LTC4012-3 operation.
ON TOP FET OFF ON BOTTOM FET OFF THRESHOLD SET BY ITH VOLTAGE
4012-3 F02
Table 1. LTC4012-3 Open-Drain Indicator Outputs
CHRG Off On 25A On 25A ICL Off Off Off On On CHARGER STATE No DC Input (Shutdown) or Reverse Current Bulk Charge Low Current Charge or Initial DCIN - BAT <500mV Input Current Limit During Bulk Charge Input Current Limit During Low Current Charge
PWM Controller The LTC4012-3 uses a synchronous step-down architecture to produce high operating efficiency. The nominal operating frequency of 550kHz allows use of small filter components. The following conceptual discussion of basic PWM operation references Figure 1. The voltage across the external charge current sense resistor RSENSE is measured by current amplifier CA. This instantaneous current (VSENSE/RIN) is fed to the PROG pin where it is averaged by an external capacitor and converted to a voltage by the programming resistor RPROG between PROG and GND. The PROG voltage becomes the average charge current input signal to error amplifier EA. EA also receives loop control information from the battery voltage feedback input VFB and the adapter input current limit circuit.
tOFF
INDUCTOR CURRENT
Figure 2. PWM Waveforms
40123f
14
LTC4012-3 OPERATION
The ITH output of the error amplifier is a scaled control voltage for one input of the PWM comparator CC. ITH sets a peak inductor current threshold, sensed by R1, to maintain the desired average current through RSENSE. The current comparator output does this by switching the state of the RS latch at the appropriate time. At the beginning of each oscillator cycle, the PWM clock sets the RS latch and turns on the external topside NFET (bottom-side synchronous NFET off) to refresh the current carried by the external inductor L1. The inductor current and voltage across RSENSE begin to rise linearly. CA buffers this instantaneous voltage rise and applies it to CC with gain supplied by R1. When the voltage across R1 exceeds the peak level set by the ITH output of EA, the top FET turns off and the bottom FET turns on. The inductor current then ramps down linearly until the next rising PWM clock edge. This closes the loop and sources the correct inductor current to maintain the desired parameter (charge current, battery voltage, or input current). To produce a near constant frequency, the PWM oscillator implements the equation: tOFF = CLP - BAT CLP * 550kHz potential source of audible noise when using ceramic input or output capacitors and prevents the boost supply capacitor for the top gate driver from discharging. In low drop out operation, the actual charge current may not be able to reach the programmed full-scale value due to the watchdog function. Overvoltage Protection The LTC4012-3 also contains overvoltage detection that prevents transient battery voltage overshoots of more than about 6% above the programmed output voltage. When battery overvoltage is detected, both external MOSFETs are turned off until the overvoltage condition clears, at which time a new soft start sequence begins. This is useful for properly charging battery packs that use an internal switch to disconnect themselves for performing functions such as calibration or pulse mode charging. Reverse Charge Current Protection (Anti-Boost) Because the LTC4012-3 always attempts to operate synchronously in full continuous mode (to avoid audible noise from ceramic capacitors), reverse average charge current can occur during some invalid operating conditions. INFET PowerPath control avoids boosting a lightly loaded system supply during reverse operation. However, under heavier system loads, CLP may not boost above DCIN, even though reverse average current is flowing. In this case a second circuit monitors indication of reverse average current on PROG. If either of these circuits detects boost operation, The LTC4012-3 turns off both external MOSFETs until the reverse current condition clears. At that point, a new soft-start sequence begins.
Repetitive, closed-loop waveforms for stable PWM operation appear in Figure 2. PWM Watchdog Timer As input and output conditions vary, the LTC4012-3 may need to utilize PWM duty cycles approaching 100%. In this case, operating frequency may be reduced well below 550kHz. An internal watchdog timer observes the activity on the TGATE pin. If TGATE is on for more than 40s, the watchdog activates and forces the bottom NFET on (top NFET off) for about 100ns. This avoids a
40123f
15
LTC4012-3 APPLICATIONS INFORMATION
Programming Charge Current The formula for charge current is: ICHRG = RIN RSENSE 1.2085V * - 11.67A RPROG However, some batteries require a low charge current for initial conditioning when they are heavily discharged. The charge current can then be safely switched to a higher level after conditioning is complete. Figure 3 illustrates one method of doing this with 2-level control of the PROG pin resistance. Turning Q1 off reduces the charge current to IMAX/10 for battery conditioning. When Q1 is on, the LTC4012-3 is programmed to allow full IMAX current for bulk charge. This technique can be expanded through the use of additional digital control inputs for an arbitrary number of pre-programmed current values. For a truly continuous range of maximum charge current control, pulse width modulation can be used as shown in Figure 4.
LTC4012-3 PROG 13
The LTC4012-3 operates best with 3.01k input resistors, although other resistors near this value can be used to accommodate standard sense resistor values. Refer to the subsequent discussion on inductor selection for other considerations that come into play when selecting input resistors RIN. RSENSE should be chosen according to the following equation: RSENSE = 100mV IMAX
where IMAX is the desired maximum charge current ICHRG. The 100mV target can be adjusted to some degree to obtain standard RSENSE values and/or a desired RPROG value, but target voltages lower than 100mV will cause a proportional reduction in current regulation accuracy. The required minimum resistance between PROG and GND can be determined by applying the suggested expression for RSENSE while solving the first equation given above for charge current with ICHRG = IMAX: 1.2085V * RIN RPROG(MIN) = 0.1V + 11.67A * RIN If RIN is chosen to be 3.01k with a sense voltage of 100mV, this equation indicates a minimum value for RPROG of 26.9k. Table 6 gives some examples of recommended charge current programming component values based on these equations. The resistance between PROG and GND can simply be set with a single a resistor, if only maximum charge current needs to be controlled during the desired charging algorithm.
PRECHARGE
BULK CHARGE
R1 26.7k Q1 2N7002 R2 53.6k
4012-3 F03
CPROG 4.7nF
Figure 3. Programming 2-Level Charge Current
LTC4012-3 PROG 13
RPROG 5V 0V CPROG Q1 2N7002
4012-3 F04
RMAX 511k
Figure 4. Programming PWM Current
40123f
16
LTC4012-3 APPLICATIONS INFORMATION
The value of RPROG controls the maximum value of charge current which can be programmed (Q1 continuously on). PWM of the Q1 gate voltage changes the value of RPROG to produce lower currents. The frequency of this modulation should be higher than a few kHz, and CPROG must be increased to reduce the ripple caused by switching Q1. In addition, it may be necessary to increase loop compensation capacitance connected to ITH to maintain stability or prevent large current overshoot during startup. Selecting a higher Q1 PWM frequency (10kHz) will reduce the need to change CPROG or other compensation values.Charge current will be proportional to the duty cycle of the PWM input on the gate of Q1. Programming LTC4012-3 Output Voltage Figure 5 shows the external circuit for programming the charger output voltage. The voltage is then governed by the following equation: VBAT = 1.2085V * (R1+ R2) R2
BAT 85 TYPICAL FBDIV LTC4012-3 VFB
See Table 2 for approximate resistor values for R2. V R1 = R2 BAT - 1 , R2 = R2A + R2B 1.2085V Selecting R2 to be less than 50k and the sum of R1 and R2 at least 200k or above, achieves the lowest possible error at the VFB sense input. Note that sources of error such as R1 and R2 tolerance, FBDIV RON or VFB input impedance are not included in the specifications given in the Electrical Characteristics. This leads to the possibility that very accurate (0.1%) external resistors might be required. Actually, the temperature rise of the LTC4012-3 will rarely exceed 50C at the end of charge, because charge current will have tapered to a low level. This means that 0.25% resistors will normally provide the required level of overall accuracy. Table 2 gives recommended values for R1 and R2 for popular lithium-ion battery voltages. For values of R1 above 200k, addition of capacitor CZ may improve transient response and loop stability. A value of 10pF is normally adequate.
Table 2. Programming Output Voltage
VBAT (V) 4.1 4.2 R1 (0.25%) (k) 165 167 162 169 301 294 284 271 316 298 298 397 R2A (0.25%) (k) 69 67.3 28 28.4 32.8 31.2 22.6 21 19.8 18.2 15.4 20 R2B (1%)* () - 200 - - - - - - - - - -
,R2 = R2A + R2B
11
10 R1 CZ
8.2 8.4 12.3 12.6
R2A
+
9
16.4 16.8 20.5 21 24.6 25.2
GND (EXPOSED PAD) 21 *OPTIONAL TRIM RESISTOR
R2B*
4012-3 F05
Figure 5. Programming Output Voltage
*To Obtain Desired Accuracy Requires Series Resistors For R2.
40123f
17
LTC4012-3 APPLICATIONS INFORMATION
Programming Input Current Limit To set the input current limit ILIM , the minimum wall adapter current rating must be known. To account for the tolerance of the LTC4012-3 input current sense circuit, 5% should be subtracted from the adapter's minimum rated output. Refer to Figure 6 and program the input current limit function with the following equation: RCL 100mV = ILIM
Table 3. Common RCL Values
ADAPTER RATING (A) 1.00 1.25 1.50 1.75 2.00 2.50 3.00 3.50 4.00 RCL VALUE (1%) () 0.100 0.080 0.068 0.056 0.050 0.039 0.033 0.027 0.025 RCL POWER DISSIPATION (W) 0.100 0.125 0.150 0.175 0.200 0.244 0.297 0.331 0.400 RCL POWER RATING (W) 0.25 0.25 0.25 0.25 0.25 0.50 0.50 0.50 0.50
where ILIM is the desired maximum current draw from the DC (adapter) input, including adjustments for tolerance, if any.
FROM DC POWER INPUT RCL CDC 10k 2 1 CF 0.1F RF 5.1k TO REMAINDER OF SYSTEM
CLP CLN LTC4012-3 3 INFET
4012-3 F06
Figure 7 shows an optional circuit that can influence the parameters of the input current limit in two ways. The first option is to lower the power dissipation of RCL at the expense of accuracy without changing the input current limit value. The second is to make the input current limit value programmable.
FROM INFET
Figure 6. Programming Input Current Limit
CLP 2 CF 0.22F RF 2.49k 1% 1 R2 Q1 IMX1 R1 1% R3 = R1 1%
4012-3 F07
Often an AC adapter will include a rated current output margin of at least +10%. This can allow the adapter current limit value to simply be programmed to the actual minimum rated adapter output current. Table 3 shows some common RCL current limit programming values. A lowpass filter formed by RF (5.1k) and CF (0.1F) is required to eliminate switching noise from the LTC4012-3 PWM and other system components. If input current limiting is not desired, CLN should be shorted to CLP while CLP remains connected to power.
LTC4012-3 CLN
RCL 1% TO REMAINDER OF SYSTEM Q2 2SC2412
INTVDD 17
Figure 7. Adjusting Input Current Limit
40123f
18
LTC4012-3 APPLICATIONS INFORMATION
The overall accuracy of this circuit needs to be better than the power source current tolerance or be margined such that the worse-case error remains under the power source limits. The accuracy of the Figure 7 circuit is a function of the INTVDD , VBE , RCL, RF , R1 and R3 tolerances. To improve accuracy, the tolerance of RF should be changed from 5.1k, 5% to a 2.49k 1% resistor. RCL and the programming resistors R1 and R3 should also be 1% tolerance such that the dominant error is INTVDD (3%). Bias resistor R2 can be 5%. When choosing NPN transistors, both need to have good gain (>100) at 10A levels. Low gain NPNs will increase programming errors. Q1 must be a matched NPN pair. Since RF has been reduced in value by half, the capacitor value of CF should double to 0.22F to remain effective at filtering out any noise. If you wish to reduce RCL power dissipation for a given current limit, the programming equation becomes: 5 * 2.49k 100mV - R1 = ILIM In many notebook applications, there are situations where two different ILIM values are needed to allow two different power adapters or power sources to be used. In such cases, start by setting RLIM for the high power ILIM configuration and then use Figure 7 to set the lower ILIM value. To toggle between the two ILIM values, take the three ground connections shown in Figure 7, combine them into one common connection and use a small-signal NFET (2N7002) to open or close that common connection to circuit ground. When the NFET is off, the circuit is defeated (floating) allowing ILIM to be the maximum value. When the NFET is on, the circuit will become active and ILIM will drop to the lower set value. Monitoring Charge Current The PROG pin voltage can be used to indicate charge current where 1.2085V indicates full programmed current (1C) and zero charge current is approximately equal to RPROG * 11.67A. PROG voltage varies in direct proportion to the charge current between this zero-current (offset) value and 1.2085V. When monitoring the PROG pin voltage, using a buffer amplifier as shown in Figure 8 will minimize charge current errors. The buffer amplifier may be powered from the INTVDD pin or any supply that is always on when the charger is on.
INTVDD 17 LTC4012-3 PROG 13 <30nA
RCL
If you wish to make the input current limit programmable, the equation becomes: 5 * 2.49k 100mV - R1 ILIM = RCL The equation governing R2 for both applications is based on the value of R1. R3 should always be equal to R1. R2 = 0.875 * R1
Figure 8. PROG Voltage Buffer
+ -
4012-3 F08
TO SYSTEM MONITOR
40123f
19
LTC4012-3 APPLICATIONS INFORMATION
C/10 CHRG Indicator The value chosen for RPROG has a strong influence on charge current monitoring and the accuracy of the C/10 charge indicator output (CHRG). The LTC4012-3 uses the voltage on the PROG pin to determine when charge current has dropped to the C/10 threshold. The nominal threshold of 400mV produces an accurate low charge current indication of C/10 as long as RPROG = 26.7k, independent of all other current programming considerations. However, it may sometimes be necessary to deviate from this value to satisfy other application design goals. If RPROG is greater than 26.7k, the actual level at which low charge current is detected will be less than C/10. The highest value of RPROG that can be used while reliably indicating low charge current before reaching final VBAT is 30.1k. RPROG can safely be set to values higher than this, but low current indication will be lost. If RPROG is less than 26.7k, low charge current detection occurs at a level higher than C/10. More importantly, the LTC4012-3 becomes increasingly sensitive to reverse current. The lowest value of RPROG that can be used without the risk of erroneous boost operation detection at end of charge is 26.1k. Values of RPROG less than this should not be used. See the Operation section for more information about reverse current. The nominal fractional value of IMAX at which C/10 indication occurs is given by: 400mV - (RPROG * 11.67A) IC10 = IMAX 1.2085V - (RPROG * 11.67A) Direct digital monitoring of C/10 indication is possible with an external application circuit like the one shown in Figure 9. By using two different value pull-up resistors, a microprocessor can detect three states from this pin (charging, C/10 and not charging). See Figure 10. When a digital output port (OUT) from the microprocessor drives one of the resistors and a second digital input port polls the network, the charge state can be determined as shown in Table 4.
LTC4012-3 CHRG 7 100k
Table 4. Digital Read Back State (IN, Figure 10)
LTC4012-3 CHARGER STATE Off C/10 Charge Bulk Charge OUT STATE Hi-Z 1 0 0 1 1 1 0
Input and Output Capacitors In addition to typical input supply bypassing (0.1F) on DCIN, the relatively high ESR of aluminum electrolytic capacitors is helpful for reducing ringing when hot pluging the charger to the AC adapter. Refer to LTC Application Note 88 for more information. The input capacitor between system power (drain of top FET, Figure 1) and GND is required to absorb all input PWM ripple current, therefore it must have adequate ripple current rating. Maximum RMS ripple current is typically one-half of the average battery charge current. Actual capacitance value is not critical, but using the highest possible voltage rating on PWM input capacitors will minimize problems. Consult with the manufacturer before use.
VLOGIC INTVDD 17 100k LTC4012-3 CHRG 7 Q1 TP0610T Q2 2N7002 Q3 2N7002 100k 100k C/10 CHRG
4012-3 F09
Figure 9. Digital C/10 Indicator
3.3V
200k 33k
VDD P OUT IN
4012-3 F10
Figure 10. Microprocessor Status Interface
40123f
20
LTC4012-3 APPLICATIONS INFORMATION
The output capacitor shown across the battery and ground must also absorb PWM output ripple current. The general formula for this capacitor current is: V 0.29 * VBAT * 1 - BAT VCLP IRMS = L1 * fPWM For example, IRMS = 0.22A with: VBAT = 12.6V VCLP = 19V L1 = 10H fPWM = 550kHz High capacity ceramic capacitors (20F or more) available from a variety of manufacturers can be used for input/output capacitors. Other alternatives include OS-CON and POSCAP capacitors from Sanyo. Low ESR solid tantalum capacitors have high ripple current rating in a relatively small surface mount package, but exercise caution when using tantalum for input or output bulk capacitors. High input surge current can be created when the adapter is hot-plugged to the charger or when a battery is connected to the charger. Solid tantalum capacitors have a known failure mechanism when subjected to very high surge currents. Select tantalum capacitors that have high surge current ratings or have been surge tested. EMI considerations usually make it desirable to minimize ripple current in battery leads. Adding Ferrite beads or inductors can increase battery impedance at the nominal 550KHz switching frequency. Switching ripple current splits between the battery and the output capacitor in inverse relation to capacitor ESR and the battery impedance. If the ESR of the output capacitor is 0.2 and the battery impedance is raised to 4 with a ferrite bead, only 5% of the current ripple will flow to the battery. Inductor Selection Higher switching frequency generally results in lower efficiency because of MOSFET gate charge losses, but it allows smaller inductor and capacitor values to be used. A primary effect of the inductor value L1 is the amplitude of ripple current created. The inductor ripple current IL decreases with higher inductance and PWM operating frequency: V VBAT * 1 - BAT VCLP IL = L1 * fPWM Accepting larger values of IL allows the use of low inductance, but results in higher output voltage ripple and greater core losses. Lower charge currents generally call for larger inductor values. The LTC4012-3 limits maximum instantaneous peak inductor current during every PWM cycle. To avoid unstable switch waveforms, the ripple current must satisfy: 150mV IL < 2 * - IMAX RSENSE so choose: L1 > 0.125 * VCLP 150mV fPWM * - IMAX RSENSE
A reasonable starting point for setting ripple current is IL = 0.4 * IMAX . The voltage compliance of internal LTC4012-3 circuits also imposes limits on ripple current. Select RIN (in Figure 1) to avoid average current errors in high ripple designs. The following equation can be used for guidance: RSENSE * IL R * IL RIN SENSE 50A 20A
40123f
21
LTC4012-3 APPLICATIONS INFORMATION
RIN should not be less than 2.37k or more than 6.04k. Values of RIN greater than 3.01k may cause some reduction in programmed current accuracy. Use these equations and guidelines, as represented in Table 5, to help select the correct inductor value. This table was developed to maintain maximum IL near 0.6 * IMAX with fPWM at 550kHz and VBAT = 0.5 * VCLP (the point of maximum IL), assuming that inductor value could also vary by 25% at IMAX.
Table 5. Minimum Typical Inductor Values VCLP L1 IMAX RSENSE
(Typ) <10V 10V to 20V >20V <10V 10V to 20V >20V <10V 10V to 20V >20V <10V 10V to 20V >20V 10H 20H 28H 5.1H 10H 14H 3.4H 6.8H 9.5H 2.5H 5.1H 7.1H 1A 1A 1A 2A 2A 2A 3A 3A 3A 4A 4A 4A 100m 100m 100m 50m 50m 50m 33m 33m 33m 25m 25m 25m
TGATE BOOST Supply Use the external components shown in Figure 11 to develop a bootstrapped BOOST supply for the TGATE FET driver. A good set of equations governing selection of the two capacitors is: C1 = 20 * QG , C2 = 20 * C1 4.5V
RIN
3.01k 3.01k 3.01k 3.01k 3.01k 3.01k 3.01k 3.01k 3.01k 3.01k 3.01k 3.01k
RPROG
26.7k 26.7k 26.7k 26.7k 26.7k 26.7k 26.7k 26.7k 26.7k 26.7k 26.7k 26.7k
where QG is the rated gate charge of the top external NFET with VGS = 4.5V. The maximum average diode current is then given by: ID = QG * 665kHz To improve efficiency by increasing VGS applied to the top FET, substitute a Schottky diode with low reverse leakage for D1. PWM jitter has been observed in some designs operating at higher VIN/VOUT ratios. This jitter does not substantially affect DC charge current accuracy. A series resistor with a value of 5 to 20 can be inserted between the cathode of D1 and the BOOST pin to remove this jitter, if present. A resistor case size of 0603 or larger is recommended to lower ESL and achieve the best results.
BOOST 20 LTC4012-3 INTVDD 17 D1 1N4148 C2 2F C1 0.1F L1 TO RSENSE
To guarantee that a chosen inductor is optimized in any given application, use the design equations provided and perform bench evaluation in the target application, particularly at duty cycles below 20% or above 80% where PWM frequency can be much less than the nominal value of 550kHz.
SW 18
4012-3 F11
Figure 11. TGATE Boost Supply
40123f
22
LTC4012-3 APPLICATIONS INFORMATION
FET Selection Two external power MOSFETs must be selected for use with the charger: an N-channel power switch (top FET) and an N-channel synchronous rectifier (bottom FET). Peak gate-to-source drive levels are internally set to about 5V. Consequently, logic-level FETs must be used. In addition to the fundamental DC current, selection criteria for these MOSFETs also include channel resistance RDS(ON), total gate charge QG , reverse transfer capacitance CRSS , maximum rated drain-source voltage BVDSS and switching characteristics such as td(ON/OFF). Power dissipation for each external FET is given by: PD(TOP) = VBAT * IMAX 2 * (1+ T) RDS(ON) VCLP + k * VCLP 2 * IMAX * CRSS * 665kHz PD(BOT) = The synchronous (bottom) FET losses are greatest at high input voltage or during a short circuit, which forces a low side duty cycle of nearly 100%. Increasing the size of this FET lowers its losses but increases power dissipation in the LTC4012-3. Using asymmetrical FETs will normally achieve cost savings while allowing optimum efficiency. Select FETs with BVDSS that exceeds the maximum VCLP voltage that will occur. Both FETs are subjected to this level of stress during operation. Many logic-level MOSFETs are limited to 30V or less. The LTC4012-3 uses an improved adaptive TGATE and BGATE drive that is insensitive to MOSFET inertial delays, td(ON/OFF), to avoid overlap conduction losses. Switching characteristics from power MOSFET data sheets apply only to a specific test fixture, so there is no substitute for bench evaluation of external FETs in the target application. In general, MOSFETs with lower inertial delays will yield higher efficiency. Diode Selection A Schottky diode in parallel with the bottom FET and/or top FET in an LTC4012-3 application clamps SW during the non-overlap times between conduction of the top and bottom FET switches. This prevents the body diode of the MOSFETs from forward biasing and storing charge, which could reduce efficiency as much as 1%. One or both diodes can be omitted if the efficiency loss can be tolerated. A 1A Schottky is generally a good size for 3A chargers due to the low duty cycle of the non-overlap times. Larger diodes can actually result in additional efficiency (transition) losses due to larger junction capacitance. Loop Compensation and Soft-Start The three separate PWM control loops of the LTC4012-3 can be compensated by a single set of components attached between the ITH pin and GND. As shown in the typical LTC4012-3 application, a 6.04k resistor in series with a capacitor of at least 0.1F provides adequate loop compensation for the majority of applications.
(VCLP - VBAT) * IMAX 2 * (1+ T)RDS(ON)
VCLP
where is the temperature dependency of RDS(ON), T is the temperature rise above the point specified in the FET data sheet for RDS(ON) and k is a constant inversely related to the internal LTC4012-3 top gate driver. The term (1 + T) is generally given for a MOSFET in the form of a normalized RDS(ON) curve versus temperature, but of 0.005/C can be used as a suitable approximation for logic-level FETs if other data is not available. CRSS = QGD /VDS is usually specified in the MOSFET characteristics. The constant k = 2 can be used in estimating top FET dissipation. The LTC4012-3 is designed to work best with external FET switches with a total gate charge at 5V of 15nC or less. For VCLP < 20V, high charge current efficiency generally improves with larger FETs, while for VCLP > 20V, top gate transition losses increase rapidly to the point that using a topside NFET with higher RDS(ON) but lower CRSS can actually provide higher efficiency. If the charger will be operated with a duty cycle above 85%, overall efficiency is normally improved by using a larger top FET.
40123f
23
LTC4012-3 APPLICATIONS INFORMATION
The LTC4012-3 can be soft-started with the compensation capacitor on the ITH pin. At start-up, ITH will quickly rise to about 0.25V, then ramp up at a rate set by the compensation capacitor and the 40A ITH bias current. The full programmed charge current will be reached when ITH reaches approximately 2V. With a 0.1F capacitor, the time to reach full charge current is usually greater than 1.5ms. This capacitor can be increased if longer startup times are required, but loop bandwidth and dynamic response will be reduced. INTVDD Regulator Output Bypass the INTVDD regulator output to GND with a low ESR X5R or X7R ceramic capacitor with a value of 0.47F or larger. The capacitor used to build the BOOST supply (C2 in Figure 11) can serve as this bypass. Do not draw more than 30mA from this regulator for the host system, governed by IC power dissipation. Calculating IC Power Dissipation The user should ensure that the maximum rated junction temperature is not exceeded under all operating conditions. The thermal resistance of the LTC4012-3 package (JA) is 37C/W, provided the Exposed Pad is in good thermal contact with the PCB. The actual thermal resistance in the application will depend on forced air cooling and other heat sinking means, especially the amount of copper on the PCB to which the LTC4012-3 is attached. The following formula may be used to estimate the maximum average power dissipation PD (in watts) of the LTC4012-3, which is dependent upon the gate charge of the external MOSFETs. This gate charge, which is a function of both gate and drain voltage swings, is determined from specifications or graphs in the manufacturer's data sheet. For the equation below, find the gate charge for each transistor assuming 5V gate swing and a drain voltage swing equal to the maximum VCLP voltage. Maximum LTC4012-3 power dissipation under normal operating conditions is then given by: PD = DCIN(3mA + IDD + 665kHz(QTGATE + QBGATE)) - 5IDD where: IDD = Average external INTVDD load current, if any QTGATE = Gate charge of external top FET in Coulombs QBGATE = Gate charge of external bottom FET in Coulombs PCB Layout Conciderations To prevent magnetic and electrical field radiation and high frequency resonant problems, proper layout of the components connected to the LTC4012-3 is essential. Refer to Figure 12. For maximum efficiency, the switch node rise and fall times should be minimized. The following PCB design priority list will help insure proper topology. Layout the PCB using this specific order. 1. Input capacitors should be placed as close as possible to switching FET supply and ground connections with the shortest copper traces possible. The switching FETs must be on the same layer of copper as the input capacitors. Vias should not be used to make these connections. 2. Place the LTC4012-3 close to the switching FET gate terminals, keeping the connecting traces short to produce clean drive signals. This rule also applies to IC supply and ground pins that connect to the switching FET source pins. The IC can be placed on the opposite side of the PCB from the switching FETs.
SWITCH NODE L1 VIN CIN HIGH FREQUENCY CIRCULATING PATH COUT D1 RSENSE VBAT
+
BAT ANALOG GROUND
GND SWITCHING GROUND
4012 F12
SYSTEM GROUND
Figure 12. High Speed Switching Path
40123f
24
LTC4012-3 APPLICATIONS INFORMATION
3. Place the inductor input as close as possible to the switching FETs. Minimize the surface area of the switch node. Make the trace width the minimum needed to support the programmed charge current. Use no copper fills or pours. Avoid running the connection on multiple copper layers in parallel. Minimize capacitance from the switch node to any other trace or plane. 4. Place the charge current sense resistor immediately adjacent to the inductor output, and orient it such that current sense traces to the LTC4012-3 are not long. These feedback traces need to be run together as a single pair with the smallest spacing possible on any given layer on which they are routed. Locate any filter component on these traces next to the LTC4012-3, and not at the sense resistor location. 5. Place output capacitors adjacent to the sense resisitor output and ground. 6. Output capacitor ground connections must feed into the same copper that connects to the input capacitor ground before connecting back to system ground. 7. Connection of switching ground to system ground, or any internal ground plane, should be single-point. If the system has an internal system ground plane, a good way to do this is to cluster vias into a single star point to make the connection. 8. Route analog ground as a trace tied back to the LTC4012-3 GND pin and paddle before connecting to any other ground. Avoid using the system ground plane. A useful CAD technique is to make analog ground a separate ground net and use a 0 resistor to connect analog ground to system ground. 9. A good rule of thumb for via count in a given high current path is to use 0.5A per via. Be consistent when applying this rule. 10. If possible, place all the parts listed above on the same PCB layer. 11. Copper fills or pours are good for all power connections except as noted above in Rule 3. Copper planes on multiple layers can also be used in parallel. This helps with thermal management and lowers trace inductance, which further improves EMI performance. 12. For best current programming accuracy, provide a Kelvin connection from RSENSE to CSP and CSN. See Figure 13 for an example. 13. It is important to minimize parasitic capacitance on the CSP and CSN pins. The traces connecting these pins to their respective resistors should be as short as possible.
DIRECTION OF CHARGING CURRENT
RSENSE
4012 F13
TO CSP RIN
TO CSN RIN
Figure 13. Kelvin Sensing of Charge Current
40123f
25
LTC4012-3 TYPICAL APPLICATION
12.6V 4 Amp Charger
R7 25m POWER TO SYSTEM
FROM ADAPTER 15V AT 4A
Q5 C1 0.1F D1 R1 3k R 7 4 3 CHRG DCIN INFET CLP CLN BOOST 19 TGATE LTC4012 18 SW 5 17 ACP INTVDD 8 16 ICL BGATE 6 SHDN 21 GND 15 12 ITH CSP 14 D3 2 1 20 R15 0* C4 0.1F
R8 5.1k C8 10F C5 0.1F
D5
OR R14 100k
D6 18V ZENER Q4
Q2
D4 C6 2F R9 3.01k R11 25m Q3 L1 6.8H
TO/FROM MCU
TO POWER SYSTEM LOAD WHEN ADAPTER IS NOT PRESENT, USE SCHOTTKY DIODE D5 OR THE COMBINATION OF R14, D6 AND Q4
C2 0.1F R4 6.04k
R10 3.01k
13 R5 26.7k BULK CHARGE Q1 R6 53.6k C3 4.7nF
11 BAT 10 FBDIV PROG VFB 9 R12 294k R13 31.2k C10 10pF C9 10F
CSN
+
12.6V Li-Ion BATTERY
4012-3 TA03
D3: CMDSH-3 D4: MBR230LSFT1 Q1: 2N7002 Q2, Q3: Si7212DN OR SiA914DJ OR Si4816BDY (OMIT D4) Q4, Q5: Si7423DN L1: LP-2525CZER100M11 *: SEE TGATE BOOST SUPPLY IN APPLICATIONS INFORMATION
40123f
26
LTC4012-3 PACKAGE DESCRIPTION
UF Package 20-Lead Plastic QFN (4mm x 4mm)
(Reference LTC DWG # 05-08-1710 Rev A)
0.70 0.05 4.50 0.05 3.10 0.05 2.00 REF 2.45 0.05 2.45 0.05
PACKAGE OUTLINE
0.25 0.05 0.50 BSC RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED 0.75 0.05 4.00 0.10 R = 0.05 TYP BOTTOM VIEW--EXPOSED PAD R = 0.115 TYP PIN 1 NOTCH R = 0.20 TYP OR 0.35 45 CHAMFER
19 20 0.40 0.10 1
PIN 1 TOP MARK (NOTE 6) 2.45 0.10 4.00 0.10 2.00 REF 2.45 0.10
2
(UF20) QFN 01-07 REV A
0.200 REF 0.00 - 0.05 NOTE: 1. DRAWING IS PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGGD-1)--TO BE APPROVED 2. DRAWING NOT TO SCALE 3. ALL DIMENSIONS ARE IN MILLIMETERS 4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE 5. EXPOSED PAD SHALL BE SOLDER PLATED 6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
0.25 0.05 0.50 BSC
40123f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
27
LTC4012-3 RELATED PARTS
PART NUMBER LTC1760 LTC1769 LTC1960 LTC4006 LTC4007 LTC4008/LTC4008-1 DESCRIPTION Smart Battery System Manager 2A Switching Battery Charger Dual Battery Charger/Selector with SPI Small, High Efficiency, Fixed Voltage, Lithium-Ion Battery Chargers with Termination High Efficiency, Programmable Voltage, Lithium-Ion Battery Charger with Termination COMMENTS Autonomous Power Management and Battery Charging for Two Smart Batteries, SMBus Rev 1.1 Compliant Constant-Current/Constant-Voltage Switching Regulator, Input Current Limiting Maximizes Charge Current 11-bit V-DAC, 0.8% Voltage Accuracy, 10-Bit I-DAC, 5% Current Accuracy Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current Limit and Thermistor Sensor, 16-pin SSOP Package Complete Charger for 3- or 4-Cell Li-Ion Batteries, AC Adapter Current Limit, Thermistor Sensor and Indicator Outputs
High Efficiency, Programmable Voltage/Current Battery Constant-Current/Constant-Voltage Switching Regulator, Resistor Chargers Voltage/Current Programming, Thermistor Sensor and Indicator Outputs, AC Adapter Current Limit (Omitted on 4008-1) High Efficiency, Multichemistry Battery Charger High Efficiency Standalone Nickel Battery Charger High Efficiency Standalone Nickel Battery Charger High Efficiency, Multi Chemistry Battery Chargers with PowerPath Control Standalone Linear NiMH/NiCd Fast Charger Smart Battery Charger Controller Battery Backup Manager Constant-Current/Constant-Voltage Switching Regulator in a 20-Lead QFN Package, AC Adapter Current Limit, Indicator Outputs Complete NiMH/NiCd Charger in a Small 16-Lead Package, ConstantCurrent Switching Regulator Complete NiMH/NiCd Charger in a Small 20-Lead Package, ConstantCurrent Switching Regulator, PowerPath Control and Indicators Constant-Current/Constant-Voltage Switching Regulator in a 20-Lead QFN Package, AC Adaptor Current Limit PFET Input Ideal Diode Control, 3 Indicator Outputs Complete NiMH/NiCd Charger in a Small 16-Pin Package, No Sense Resistor or Blocking Diode Required Level 2 Charger Operates with or without MCU Host, SMBus Rev 1.1 Compliant Multi-Chemistry and Smart Battery Charge and Discharge Manager. Four Operating Modes: Battery Backup, Battery Charge, Battery Calibration, Shutdown. 5mm x 7mm QFN-38 Package High Side Sense of Charge Quantity and Polarity in a 10-Pin MSOP No External MOSFET, Automatic Switching Between DC sources, 140m On Resistance in ThinSOTTM package Very Low Loss Replacement for Power Supply ORing Diodes Using Minimal External Complements, Operates up to 28V (36V for HV) Low Loss Replacement for ORing Diodes, 100m On Resistance Low Loss Replacement for ORing Diodes, Operates up to 36V Low Loss Replacement for ORing Diodes, Operates up to 36V, Drives Large PFETs, Programmable, Autonomous Switching
LTC4009/LTC4009-1 LTC4009-2 LTC4010 LTC4011 LTC4012/LTC4012-1 LTC4012-2 LTC4060 LTC4100 LTC4110
LTC4150 LTC4411 LTC4412/LTC4412HV LTC4413 LTC4414 LTC4416
Coulomb Counter/Battery Gas Gauge 2.6A Low Loss Idea Diode Low Loss PowerPath Controllers Dual 2.6A, 2.5V to 5.5V Ideal Diodes 36V, Low Loss PowerPath Controller for Large PFETs Dual Low Loss PowerPath Controllers
ThinSOT is a trademark of Linear Technology Corporation.
40123f
28 Linear Technology Corporation
(408) 432-1900
LT 0209 * PRINTED IN USA
1630 McCarthy Blvd., Milpitas, CA 95035-7417
FAX: (408) 434-0507 www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 2009


▲Up To Search▲   

 
Price & Availability of LTC4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X